Part Number Hot Search : 
SL5001P 1N6314 BR10100 SGW10N60 WOSD05 07910 R6030 AMG8852
Product Description
Full Text Search
 

To Download BUK112-50GL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
DESCRIPTION
Monolithic temperature and overload protected logic level power MOSFET in a 5 pin plastic envelope, intended as a low side switch for automotive applications.
BUK112-50GL
QUICK REFERENCE DATA
SYMBOL VDS ID Tj RDS(ON) SYMBOL VPS PARAMETER Continuous drain source voltage Continuous drain current Continuous junction temperature Drain-source on-state resistance PARAMETER Protection supply voltage MAX. 50 12 150 93 NOM. 5 UNIT V A C m UNIT V
FEATURES
Vertical power DMOS output stage Low on-state resistance Low operating supply current Overtemperature protection Overload protection against short circuit load with drain current limiting Latched overload protection reset by protection supply Protection circuit condition indicated by flag pin Off-state detection of open circuit load indicated by flag pin 5 V logic compatible input level Integral input resistors. ESD protection on all pins Over voltage clamping
FUNCTIONAL BLOCK DIAGRAM
PROTECTION SUPPLY DRAIN
FLAG
OC LOAD DETECT
O/V CLAMP
INPUT
POWER RIG MOSFET
LOGIC AND PROTECTION RIS SOURCE
Fig.1. Elements of the TOPFET.
PINNING - SOT263
PIN 1 2 3 4 5 tab input flag drain protection supply source DESCRIPTION
PIN CONFIGURATION
tab
SYMBOL
D TOPFET P F I
P
1 2345
leadform 263-01
S
Fig. 2.
drain
Fig. 3.
September 1996
1
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VDS ID II IF IP Ptot Tstg Tj Tsold PARAMETER Continuous voltage Drain source voltage1 Continuous currents Drain current Input current Flag current Protection supply current Thermal Total power dissipation Storage temperature Junction temperature2 Lead temperature Tmb = 25 C continuous during soldering -55 VPS = 5 V; Tmb = 25 C VPS = 0 V; Tmb = 94 C -5 -5 -5 VIS = 0 V CONDITIONS MIN.
BUK112-50GL
MAX. 50 self limited 12 5 5 5 52 175 150 260
UNIT V A A mA mA mA W C C C
ESD LIMITING VALUES
SYMBOL PARAMETER Electrostatic discharge capacitor voltages VC1 VC2 Drain to source Input, flag or protection to source CONDITIONS Human body model; C = 100 pF; R = 1.5 k 4.5 2 kV kV MIN. MAX. UNIT
OVERLOAD PROTECTION LIMITING VALUE
With the protection supply connected, TOPFET can protect itself from two types of overload short circuit load and overtemperature. SYMBOL VPSP PARAMETER Protection supply voltage
3
For overload conditions an n-MOS transistor turns on between the gate and source to quickly discharge the power MOSFET gate capacitance. CONDITIONS for valid protection
The drain current is limited to reduce dissipation in case of short circuit load. Refer to OVERLOAD CHARACTERISTICS. MIN. 4.5 MAX. UNIT V
OVERVOLTAGE CLAMPING LIMITING VALUES
At a drain source voltage above 50 V the power MOSFET is actively turned on to clamp overvoltage transients. SYMBOL EDSM EDRM PARAMETER Non-repetitive clamping energy Repetitive clamping energy CONDITIONS IDM = 6 A; Tmb = 25C IDM = 3.1 A; VDD 20 V; Tmb 120C; f = 250 Hz MIN. MAX. 200 20 UNIT mJ mJ
1 Prior to the onset of overvoltage clamping. For voltages above this value, safe operation is limited by the overvoltage clamping energy. 2 A higher Tj is allowed as an overload condition but at the threshold Tj(TO) the over temperature trip operates to protect the switch. 3 The minimum supply voltage required for correct operation of the overload protection circuits.
September 1996
2
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
THERMAL CHARACTERISTICS
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance Junction to mounting base Junction to ambient in free air CONDITIONS MIN.
BUK112-50GL
TYP. 60
MAX. 2.38 -
UNIT K/W K/W
OUTPUT CHARACTERISTICS
Tmb = 25 C; VPS = 0 V unless otherwise specified SYMBOL V(CL)DSS IDSS PARAMETER Off-state Drain-source clamping voltage Drain-source leakage current
1
CONDITIONS ID = 10 mA; VIS = 0 V; -40C Tmb 150C
MIN. 50 50 -
TYP. 60 0.5 1 10 70 135
MAX. 70 70 10 20 100 93 165
UNIT V V A A A m m
IDM = 0.75 A; tp 300 s; 0.01 VDS = 13 V VDS = 50 V Tmb = 125 C; VDS = 40 V
On-state RDS(ON) Drain-source on-resistance
tp 300 s; 0.01 IDM = 6 A; VIS = 4.4 V; VPS = 4.5 V Tmb = 150 C
INPUT CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL VIS(TO) IIS V(CL)IS RIG IISL PARAMETER Normal operation Input threshold voltage Input current Input clamping voltage Internal series resistance Overload protection latched Input current VPS = 5 V; VIS = 5 V 1.5 3.2 4 mA VDS = 13 V; VPS = 0 V; ID = 1 mA -40C Tmb 150C VIS = 5 V II = 1.5 mA to gate of power MOSFET -40C Tmb 150C 1 0.5 200 6 1.5 350 7.1 1.5 2 2.5 500 V V A V k CONDITIONS MIN. TYP. MAX. UNIT
REVERSE CHARACTERISTICS
Tmb = 25 C SYMBOL -VDS -VIS -VPS -VFS PARAMETER Reverse drain voltage Reverse input voltage Reverse protection pin voltage Reverse flag voltage
2
CONDITIONS -ID = 6 A -II = 5 mA -IP = 5 mA -IF = 5 mA
MIN. -
TYP. 0.8 0.7 0.7 0.7
MAX. -
UNIT V V V V
1 The drain current required for open circuit load detection is switched off when there is no protection supply, in order to ensure a low off-state quiescent current. Refer to OPEN CIRCUIT LOAD DETECTION CHARACTERISTICS. 2 Protection functions are disabled during reverse conduction.
September 1996
3
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
PROTECTION SUPPLY CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL PARAMETER Normal operation or protection latched IPS, IPSL V(CL)PS VPSR t pr Supply current Clamping voltage Overload protection latched Reset voltage Reset time VPS = 0 V -40C Tmb 150C -40C Tmb 150C 1.5 VPS = 4.5 V IP = 1.5 mA -40C Tmb 150C 6 CONDITIONS MIN.
BUK112-50GL
TYP.
MAX.
UNIT
330 7.1
400 450 -
A A V
2.1 25 -
3 150
V V s s
OPEN CIRCUIT LOAD DETECTION CHARACTERISTICS
An open circuit load condition can be detected while the TOPFET is in the off-state. -40C Tmb 150C; VPS = 5 V; VDS = 13 V unless otherwise specified SYMBOL IDSP IDSF VISF PARAMETER Off-state drain current
1
CONDITIONS VIS = 0 V IF = 100 A; ID = 100 A; Tmb = 25 C
MIN. 0.5 0.4 -
TYP. 1.4 1.1 1.2
MAX. 2 -
UNIT mA mA V
Off-state drain threshold current VIS = 0 V; IF = 100 A Input threshold voltage2
TRUTH TABLE
For normal, open-circuit load and overload conditions or inadequate protection supply voltage. CONDITION Normal on-state Normal off-state Open circuit load Open circuit load Short circuit load Over temperature Low protection supply voltage Low protection supply voltage PROTECTION 1 1 1 1 1 1 0 0 INPUT 1 0 1 0 1 X 1 0 FLAG 0 0 0 1 1 1 1 1 OUTPUT 1 0 1 0 0 0 1 0
For protection `0' equals low, `1' equals high. For input `0' equals low, `1' equals high, `X' equals don't care. For flag `0' equals low, `1' equals open or high. For output switch `0' equals off, `1' equals on.
1 The drain source current which flows when the protection supply is high and the input is low. 2 For open circuit load indication, VIS must be less than VISF.
September 1996
4
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
OVERLOAD CHARACTERISTICS
Tmb = 25 C; VPS = 5 V unless otherwise specified SYMBOL ID PD(TO) EDSC IDM PARAMETER Short circuit load protection Drain current limiting Overload power threshold1 Characteristic energy Peak drain current3 Overtemperature protection Tj(TO) Threshold temperature ID 1 A 150 CONDITIONS VIS = 5 V VDS = 13 V -40C Tmb 150C MIN. 12 -
BUK112-50GL
TYP. 24 100 200 45
MAX. 36 -
UNIT A W mJ A
for protection to operate which determines trip time2 VDD = 13 V; RL 10 m
185
215
C
FLAG CHARACTERISTICS
The flag is an open drain transistor which requires an external pull-up circuit. Tmb = 25 C unless otherwise specified SYMBOL VFSF IFSF IFSO V(CL)FS VPSF PARAMETER Flag `low' Flag voltage Flag saturation current Flag `high' Flag leakage current Flag clamping voltage Protection supply threshold voltage4 Application information RF Suitable external pull-up resistance VFF = 5 V 50 k CONDITIONS normal operation; VPS = 5 V IF = 100 A -40C Tmb 150C VFS = 5 V overload or fault VFS = 5 V IF = 100 A IF = 100 A; VDS = 5 V -40C Tmb 150C Tmb = 150C 6 2.5 2 0.1 1 6.9 3 1 10 4 4 A A V V V 0.7 10 0.9 V V mA MIN. TYP. MAX. UNIT
1 Refer to figure 15. 2 Trip time td sc EDSC / [ PD - PD(TO) ]. Refer also to figure 15. 3 For short circuit load connected after turn-on. 4 When VPS is less than VPSF the flag pin indicates low protection supply voltage. Refer to TRUTH TABLE.
September 1996
5
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
SWITCHING CHARACTERISTICS
Tmb = 25 C SYMBOL td on tr td off tf PARAMETER Resistive load Turn-on delay time Rise time Turn-off delay time Fall time Inductive load td on tr td off tf Turn-on delay time Rise time Turn-off delay time Fall time VIS: 5 V 0 V ID = 3 A; VDD = 13 V; with freewheel diode VIS: 0 V 5 V VIS: 5 V 0 V CONDITIONS RL = 4 ; ID = 3 A VIS: 0 V 5 V MIN.
BUK112-50GL
TYP. 0.6 2.8 3.5 3.2
MAX. -
UNIT s s s s
0.9 1.2 6.7 0.6
-
s s s s
September 1996
6
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
BUK112-50GL
VIN
VIS (input)
0V
VCC
VGS (internal)
0V
VDS(OFF)
VDS (output)
VDS(ON)
SHORT CIRCUIT FAULT
PROTECTION RESET VCC LOSS OF PROT'N SUPPLY
PROTECTION RESET
VPS (protection supply)
0V
VCC
VFS (flag)
0V NORMAL OPERATION FAULT CONDITION NORMAL OPERATION FAULT CONDITION NORMAL OPERATION
Fig. 4. Waveforms for normal and fault conditions.
VIN
VIS (input)
0V
VCC
VGS (internal)
0V
VDS(OFF)
VDS (output)
VDS(ON)
VCC
VPS (protection supply)
0V
VCC
VFS (flag)
0V NORMAL OPERATION OPEN LOAD NORMAL OPERATION OPEN LOAD NORMAL OPERATION
Fig. 5. Waveforms for normal and open circuit load.
September 1996
7
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
BUK112-50GL
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
50
ID / A WITHOUT PROTECTION
BUK112-50GL VIS / V =
40
7 6
30 5 20 4 10 3
0
20
40
60
80 100 Tmb / C
120
140
0
0
5
10 VDS / V
15
20
Fig.6. Normalised limiting power dissipation. PD% = 100PD/PD(25C) = f(Tmb)
ID / A BUK112-50GL
Fig.9. Typical output characteristics, Tj = 25C. ID = f(VDS); tp = 250 s; VPS = 0 V; parameter VIS
ID / A WITHOUT PROTECTION 25 20 15 BUK112-50GL VPS = 0 V
14 12 10 8 6 4 2 0
30
VPS = 5 V CURRENT LIMITING
10 5 0
WITH PROTECTION
0
50 Tmb / C
100
150
0
1
2 VDS / V
3
4
5
Fig.7. Continuous limiting drain current. ID = f(Tmb); conditions: VIS = 5 V; VPS = 5 V
ID / A WITH PROTECTION BUK112-50GL VIS / V = 7 6 5 15 CURRENT LIMITING 4
Fig.10. Typical on-state characteristics, Tj = 25C. ID = f(VDS); VIS = 5 V; tp = 250 s; parameter VPS
RDS(ON) / mOhm BUK112-50GL
25
200
20
150
100
TYP.
10 3
50
5
0
0
5
10
15 VDS / V
20
25
30
0
0
1
2
3
4 VIS / V
5
6
7
8
Fig.8. Typical output characteristics, Tj = 25C. ID = f(VDS); tp = 250 s; VPS = 5 V; parameter VIS
Fig.11. Typical on-state resistance, Tj = 25C. RDS(ON) = f(VIS); tp = 250 s; parameter VIS
September 1996
8
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
BUK112-50GL
a
Normalised RDS(ON) = f(Tj)
5
1 / [td sc / ms] RECIPROCAL TRIP TIME
BUK112-50GL
1.5
4
1.0
3 intercept = PD(TO) 2 1/slope = EDSC
0.5
1
0
OVERLOAD DISSIPATION
-60 -40 -20
0
20
40 60 Tj / C
80
100 120 140
0
0
200
400
600 PD / W
800
1000
1200
Fig.12. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25C = f(Tj); ID = 6 A; VIS 4.4 V
ID / A BUK112-50GL
Fig.15. Typical reciprocal overload trip time. 1/td sc = f(PD); conditions: VPS = 5 V, Tmb = 25C
ESC(TO) / mJ BUK112-50GL
50
500
40
VPS = 0 V
400
30
300 TYP.
20 VPS = 5 V 10
200
100
0
0
1
2
3
4 VIS / V
5
6
7
8
0
0
50
100 Tmb / C
150
200
Fig.13. Typical transfer characteristics, Tj = 25C. ID = f(VIS) ; conditions: VDS = 10 V; tp = 250 s
ID / A VIS / V = 25 20 15 10 5 0 VPSP MIN. 7 6 5 4.4 4 BUK112-50GL
Fig.16. Typical overload protection energy. ESC(TO) = f(Tmb); VDD = 13 V; VPS = 5 V, VIS = 5 V
Tj(TO) / C BUK112-50GL
30
210 200 190 180 170 160 150
TYP.
VPSP MIN.
4
5
6 VPS / V
7
8
3
4
5 VPS / V
6
7
8
Fig.14. Typical output current limiting, Tj = 25C. ID = f(VPS); tp = 250 s; VDS = 10 V; parameter VIS
Fig.17. Typical overtemperature protection threshold. Tj(TO) = f(VPS); VIS = 5 V; ID 1 A
September 1996
9
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
BUK112-50GL
2
II / mA
BUK112-50GL
2
IP / mA
BUK112-50GL
1.5
1.5
1
1
0.5
0.5
0
0 0 1 2 3 4 VIS / V 5 6 7 8
0
1
2
3
4 VPS / V
5
6
7
8
Fig.18. Typical DC input characteristic. II = f(VIS) normal operation; Tj = 25C
IISL / mA BUK112-50GL
Fig.21. Typical protection supply characteristics. IP = f(VPS); normal or overload operation; Tj = 25C
IF / mA BUK112-50GL
8 7 6 5 4 3 2 1 0
2
1.5
1
0.5
0
0
1
2
3
4 VIS / V
5
6
7
8
0
1
2
3
4 VFS / V
5
6
7
8
Fig.19. Typical DC input characteristic, Tj = 25C. IISL = f(VIS) overload protection latched; VPS = 5 V
VIS(TO) / V
Fig.22. Typical flag high characteristic, Tj = 25C. IF = f(VFS); refer to TRUTH TABLE
IF / uA BUK112-50GL
200
max.
2
150
typ.
100
1 min.
50
0 -60 -40 -20 0 20 40 60 Tj / C 80 100 120 140
0
0
0.1
0.2
0.3
0.4 VFS / F
0.5
0.6
0.7
0.8
Fig.20. Input threshold voltage. VIS(TO) = f(Tj); conditions: ID = 1 mA; VDS = 5 V
Fig.23. Typical flag low characteristic, Tj = 25C. IF = f(VFS); VPS = 5 V; refer to TRUTH TABLE
September 1996
10
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
BUK112-50GL
20
IF / mA
BUK112-50GL
3
VPSR / V
BUK112-50GL
15
2.5 typ.
10
2
5
1.5
0
0
1
2
3
4 5 VFS / V
6
7
8
9
1 -50
0
50 Tj / C
100
150
200
Fig.24. Typical flag saturation current, Tj = 25C. IF = f(VFS); flag 'low'; external RF = 0 k; VPS = 5 V
VFSF / V BUK112-50GL
Fig.27. Protection supply reset voltage. VPSR = f(Tj)
IP / uA BUK112-50GL
1
600 500 400
0.8
0.6
300
0.4
200
0.2
100 0 -50
0 -50
0
50 Tj / C
100
150
200
0
50 Tmb / C
100
150
200
Fig.25. Typical flag low voltage. VFSF = f(Tj); VPS = 5 V; VIS = 5 V; VDS = 0 V
VPSF / V BUK112-50GL
Fig.28. Typical protection supply current. IP = f(Tj); VPS = 4.5 V
IS / A BUK112-50GL
4
40
3.5 typ. 3
30
20
2.5
10
2 -50
0
50 Tj / C
100
150
200
0
0
0.2
0.4
0.6 0.8 VSD / V
1
1.2
1.4
Fig.26. Protection supply threshold voltage. VPSF = f(Tj); condition: VDS = 5 V
Fig.29. Typical reverse diode current, Tj = 25C. IS = f(VSD); conditions: VIS = 0 V; tp = 250 s
September 1996
11
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
BUK112-50GL
12 10 8
ID / A
BUK112-50GL
5
ID / mA OVERVOLTAGE CLAMPING
BUK112-50GL
4
3
6
OPEN CIRCUIT LOAD DETECTION 2 VPS = 5 V 1 IDSF VPS = 0 V 20 30 40 VDS / V IDSS 50 60 70 IDSP
4 2 0
50
55
60 VIS / V
65
70
0
0
10
Fig.30. Typical clamping characteristics, 25C. ID = f(VDS); conditions: VIS = 0 V; tp 50 s
EDSM%
Fig.33. Typical off-state characteristics, Tj = 25C. ID = f(VDS); VIS = 0 V; parameter VPS
IDSP & IDSF / mA BUK112-50GL
120 110 100 90 80 70 60 50 40 30 20 10 0
2
IDSP 1.5 IDSF
1
0.5
0
0
20
40
60
80 Tmb / C
100
120
140
0
2
4 VPS / V
6
8
Fig.31. Normalised limiting clamping energy. EDSM% = f(Tmb); conditions: ID = 6 A
V(CL)DSP VDS VDD 0 ID 0 VIS 0
RF
P F I
P
Fig.34. Typical open circuit load detect currents. IDSP & IDSF = f(VPS); VIS = 0 V; VDS 5 V; Tj = 25C
IDSP & IDSF / mA BUK112-50GL
2
+
L VDS
D TOPFET
VDD
1.5 IDSP
+ VPS
-ID/100 D.U.T.
1 IDSF 0.5
S
R 01 shunt
0 -50
0
50 Tmb / C
100
150
200
Fig.32. Clamping energy test circuit. 2 EDSM = 0.5 LID V(CL)DSS /(V(CL)DSS - VDD )
Fig.35. Typical open circuit load detect currents. IDSP & IDSF = f(Tj); VPS = 5 V; VIS = 0 V
September 1996
12
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
BUK112-50GL
1 mA
Idss
10
Zth / (K/W)
BUK112-50GL
D=
100 uA
1
10 uA
0.5 0.2 0.1
typ.
0.1
1 uA
0.05 0.02 0
P D tp D= tp T t
100 nA 0 20 40 60 80 Tj / C 100 120 140
0.01 1E-07
T
1E-05
1E-03 t/s
1E-01
1E+01
Fig.36. Typical off-state leakage current. IDSS = f(Tj); Conditions: VDS = 40 V; VIS = 0 V.
ID & IDM / A
S/ ID
Fig.38. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
Coss BUK112-50GL
100
BUK112-50GL tp = 10 us
10 nF
RD
S(
ON
)
D =V
10 DC
Overload protection characteristics not shown.
100 us
1 nF
1 ms 10 ms 100 ms
100 pF
1
1
10 VDS / V
100
0
10
20 VDS / V
30
40
50
Fig.37. Safe operating area, VPS = 0 V, Tmb = 25C. ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.39. Typical output capacitance. Coss = f(VDS); conditions: VIS = 0 V; f = 1 MHz
September 1996
13
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
APPLICATION INFORMATION
From main control loop
BUK112-50GL
Take input low Wait typ 15 us
no Is Flag High? yes Wait for cooling Wait >= 1 min Return to main control loop
RESET Take prot'n supply low Wait >= 150 us Take prot'n supply high Wait typ 15 us
yes Is Flag High? no Take input high Wait typ 15 us
yes Is Flag High? no
Take input low
Take input low
Record fault S/C or over temp.
Record Fault Open load
Record Fault Low prot'n supply
Fig. 40. Possible fault diagnosis procedure.
September 1996
14
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
BUK112-50GL
4.5 max
10.3 max
1.3
3.6 2.8
mounting base
5.9 min
3.5 max not tinned
R
0.
(2)
5
m
2.4 max
15.8 max
in
5.6
0.5
12 3 45
(1)
9.75
0. 5 m in
5
R
0.6 min (4 x) 0.9 max
(5 x) NOTES (1) (2)
1.7
(4 x)
0.6
4.5
2.4
0.4
(1) M
8.2
positional accuracy of the terminals is controlled in this zone only. terminal dimensions in this zone are uncontrolled.
Fig.41. SOT263 leadform 263-01; pin 3 connected to mounting base.
Note 1. Refer to mounting instructions for TO220 envelopes. 2. Epoxy meets UL94 V0 at 1/8".
September 1996
15
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor Logic level TOPFET
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BUK112-50GL
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1996
16
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BUK112-50GL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X